Part Number Hot Search : 
HT68F60 AD642K ML4861 4N25SM SY10E158 00AXC MC3371D 800BG
Product Description
Full Text Search
 

To Download UNR9113J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors with built-in resistor 1 publication date: january 2004 sjh00038bed unr911xj series (un911xj series) silicon pnp epitaxial planar type for digital circuits features ? costs can be reduced through downsizing of the equipment and reduction of the number of parts. ? ss-mini type package, allowing automatic insertion through tape packing. resistance by part number marking symbol (r 1 )(r 2 ) ? unr9110j (un9110j) 6l 47 k ?? ? unr9111j (un9111j) 6a 10 k ? 10 k ? ? unr9112j (un9112j) 6b 22 k ? 22 k ? ? UNR9113J (un9113j) 6c 47 k ? 47 k ? ? unr9114j (un9114j) 6d 10 k ? 47 k ? ? unr9115j (un9115j) 6e 10 k ?? ? unr9116j (un9116j) 6f 4.7 k ?? ? unr9117j (un9117j) 6h 22 k ?? ? unr9118j (un9118j) 6i 0.51 k ? 5.1 k ? ? unr9119j (un9119j) 6k 1 k ? 10 k ? ? unr911aj 6x 100 k ? 100 k ? ? unr911bj 6y 100 k ?? ? unr911cj 6z ? 47 k ? ? unr911dj (un911dj) 6m 47 k ? 10 k ? ? unr911ej (un911ej) 6n 47 k ? 22 k ? ? unr911fj (un911fj) 6o 4.7 k ? 10 k ? ? unr911hj (un911hj) 6p 2.2 k ? 10 k ? ? unr911lj (un911lj) 6q 4.7 k ? 4.7 k ? ? unr911mj ei 2.2 k ? 47 k ? ? unr911nj ew 4.7 k ? 47 k ? ? unr911tj (un911tj) ey 22 k ? 47 k ? ? unr911vj fc 2.2 k ? 2.2 k ? absolute maximum ratings t a = 25 c note) the part numbers in the parenthesis show conventional part number. 0.27 0.02 3 12 0.12 +0.03 ?0.01 0.80 0.05 (0.80) 0.85 1.60 0.05 0 to 0.02 0.10 max. 0.70 +0.05 ?0.03 (0.375) 5? 5? 1.60 +0.05 ?0.03 1.00 0.05 (0.50)(0.50) +0.05 ?0.03 b r 1 r 2 c e internal connection unit: mm 1: base 2: emitter 3: collector eiaj: sc-89 ssmini3-f1 package parameter symbol rating unit collector-base voltage (emitter open) v cbo ? 50 v collector-emitter voltage (base open) v ceo ? 50 v collector current i c ? 100 ma total power dissipation p t 125 mw junction temperature t j 125 c storage temperature t stg ? 55 to + 125 c
2 unr911xj series sjh00038bed electrical characteristics t a = 25 c 3 c parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = ? 10 a, i e = 0 ? 50 v collector-emitter voltage (base open) v ceo i c = ? 2 ma, i b = 0 ? 50 v collector-base cutoff current (emitter open) i cbo v cb = ? 50 v, i e = 0 ? 0.1 a collector-base cutoff current (emitter open) i ceo v ce = ? 50 v, i b = 0 ? 0.5 a emitter-base unr9115j/9116j/9117j/911bj i ebo v eb = ? 6 v, i c = 0 ? 0.01 ma cutoff current unr9110j/9113j/911aj ? 0.1 (collector unr9112j/9114j/911dj/ ? 0.2 open) 911ej/911mj/911nj/911tj unr9111j ? 0.5 unr911fj/911hj ? 1.0 unr9119j ? 1.5 unr9118j/911cj/911lj/911vj ? 2.0 forward unr911vj h fe v ce = ? 10 v, i c = ? 5 ma 6 20 ? current unr9118j/911lj 20 transfer unr9119j/911dj/911fj/911hj 30 ratio unr9111j 35 unr9112j/911ej 60 UNR9113J/9114j/911aj/ 80 911cj/911mj unr911nj/911tj 80 400 unr9110j/9115j/9116j/ 160 460 9117j/911bj collector-emitter saturation voltage v ce(sat) i c = ? 10 ma, i b = ? 0.3 ma ? 0.25 v unr911vj i c = ? 10 ma, i b = ? 1.5 ma output voltage high-level v oh v cc = ? 5 v, v b = ? 0.5 v, r l = 1 k ?? 4.9 v output voltage low-level v ol v cc = ? 5 v, v b = ? 2.5 v, r l = 1 k ?? 0.2 v UNR9113J/911bj v cc = ? 5 v, v b = ? 3.5 v, r l = 1 k ? unr911dj v cc = ? 5 v, v b = ? 10 v, r l = 1 k ? unr911ej v cc = ? 5 v, v b = ? 6 v, r l = 1 k ? unr911aj v cc = ? 5 v, v b = ? 5 v, r l = 1 k ? transition frequency f t v cb = ? 10 v, i e = 1 ma, f = 200 mhz 80 mhz UNR9113J v cb = ? 10 v, i e = 1 ma, f = 200 mhz 150 unr911aj v cb = ? 10 v, i e = 2 ma, f = 200 mhz 80 unr911cj v cb = ? 10 v, i e = 2 ma, f = 200 mhz 150 input unr9118j r 1 ? 30% 0.51 + 30% k ? resistance unr9119j 1.0 unr911hj/911mj/911vj 2.2 unr9116j/911fj/911lj/911nj 4.7 unr9111j/9114j/9115j 10 unr9112j/9117j/911tj 22 unr9110j/9113j/911dj/911ej 47 unr911aj/911bj 100
3 unr911xj series sjh00038bed electrical characteristics (continued) t a = 25 c 3 c characteristics charts of unr9110j i c ? v ce v ce(sat) ? i c h fe ? i c common characteristics chart p t ? t a 0 0 160 40 120 80 150 125 100 75 50 25 ambient temperature t a ( c ) total power dissipation p t ( mw ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 120 ? 100 ? 80 ? 60 ? 40 ? 20 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 v ce = ?10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) parameter symbol conditions min typ max unit emitter-base resistance unr911cj r 2 ? 30% 47 + 30% k ? resistance unr911mj r 1 /r 2 0.047 ? ratio unr911nj 0.1 unr9118j/9119j 0.08 0.10 0.12 unr9114j 0.17 0.21 0.25 unr911hj 0.17 0.22 0.27 unr911tj 0.47 unr911fj 0.37 0.47 0.57 unr911aj/911vj 1.0 unr9111j/9112j/9113j/911lj 0.8 1.0 1.2 unr911ej 1.70 2.14 2.60 unr911dj 3.7 4.7 5.7 note) measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors.
4 unr911xj series sjh00038bed characteristics charts of unr9111j i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collecto-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 40 80 120 160 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ?10 2 ?10 3 ?10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma )
5 unr911xj series sjh00038bed characteristics charts of unr9112j i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of UNR9113J i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 t a = 25 c i b = ? 1.0 ma ? 0.9ma ? 0.8ma ? 0.7ma ? 0.6ma ? 0.5ma ? 0.4ma ? 0.3ma ? 0.2ma ? 0.1ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ?10 2 ?10 3 ?10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma )
6 unr911xj series sjh00038bed c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o characteristics charts of unr9114j i c ? v ce v ce(sat) ? i c h fe ? i c 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ?10 2 ?10 3 ?10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ?10 2 ?10 3 ?10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ?10 3 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma )
7 unr911xj series sjh00038bed characteristics charts of unr9115j i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr9116j i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ?10 2 ?10 3 ?10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25?c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma )
8 unr911xj series sjh00038bed c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o characteristics charts of unr9117j i c ? v ce v ce(sat) ? i c h fe ? i c 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ?10 2 ?10 3 ?10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 120 ? 100 ? 80 ? 60 ? 40 ? 20 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ?10 2 ?10 3 ?10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma )
9 unr911xj series sjh00038bed characteristics charts of unr9118j i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr9119j i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.5 ma ? 0.6 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 40 80 120 160 ? 10 ? 10 2 ? 10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ? 10 ? 1 6 5 4 3 2 1 ? 1 ? 10 ? 10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ? 10 ? 2 ? 10 ? 1 ? 10 ? 1 ? 1 ? 10 ? 10 2 ? 1 ? 10 ? 10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 t a = 25 c i b = ? 1.0 ma ? 0.4 ma ? 0.3 ma ? 0.6 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.5 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 40 80 120 160 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma )
10 unr911xj series sjh00038bed c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o characteristics charts of unr911aj i c ? v ce v ce(sat) ? i c h fe ? i c 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ?10 2 ?10 3 ?10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) t a = 25 c i b = ? 0.5 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.4 ma 0 ? 20 ? 40 ? 60 ? 80 ? 100 0 ? 2 ? 4 ? 6 ? 8 ? 10 collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ? 10 ? 1 ? 1 ? 10 ?10 2 i c / i b = 10 25 c ? 25 c t a = 75 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) ?10 ?1 ? 1 ? 10 ?10 2 ?10 3 0 250 50 100 150 200 v ce = ? 10 v 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( ma ) 0 1 10 ? 10 ? 20 ? 30 ? 40 f = 1 mhz t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 10 ?10 2 ?10 3 ? 0.4 ? 0.8 ? 1.2 ? 1.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ? 1 ? 10 ?10 2 ?10 ?1 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma )
11 unr911xj series sjh00038bed characteristics charts of unr911bj i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr911cj i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o t a = 25 c 0 ? 20 ? 40 ? 60 ? 80 ? 100 0 ? 2 ? 4 ? 6 ? 8 ? 10 i b = ? 0.5 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.4 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ? 10 ? 1 ?10 ?1 ? 1 ? 10 ?10 2 i c / i b = 10 ? 25 c t a = 75 c 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) ?10 ?1 ? 1 ? 10 ?10 2 ?10 3 0 400 v ce = ? 10 v 100 200 300 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( ma ) 0 1 10 ? 10 ? 20 ? 30 ? 40 f = 1 mhz t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ?10 ?2 ?10 ?1 ? 1 ? 10 ? 0.4 ? 0.8 ? 1.2 ? 1.6 v o = ? 5 v t a = 25 c output current i o ( ma ) input voltage v in ( v ) ?10 ?1 ?10 2 ?10 ?1 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c ? 1 ? 10 input voltage v in ( v ) output current i o ( ma ) t a = 25 c 0 ? 120 ? 80 ? 40 0 ? 2 ? 4 ? 6 ? 8 ? 10 i b = ? 1.0 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.4 ma ? 0.5 ma ? 0.6 ma ? 0.7 ma ? 0.8 ma ? 0.9 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?1 ?10 ?2 ? 1 ? 1 ? 10 ?10 2 i c / i b = 10 ? 25 c t a = 75 c 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 40 80 120 160 200 240 v ce = ? 10 v ? 1 ? 10 ?10 2 ?10 3 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( ma )
12 unr911xj series sjh00038bed c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o characteristics charts of unr911dj i c ? v ce v ce(sat) ? i c h fe ? i c 0 ? 10 ? 20 ? 30 ? 40 f = 1 mhz t a = 25 c 1 10 10 2 collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ?10 2 0 ? 0.4 ? 0.8 v o = ? 5 v t a = 25 c ? 10 output current i o ( ma ) input voltage v in ( v ) ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c ? 1 ? 10 input voltage v in ( v ) output current i o ( ma ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 60 ? 50 ? 40 ? 30 ? 20 ? 10 t a = 25?c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 40 80 120 160 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 1.5 ? 10 ?10 2 ?10 3 ?10 4 ? 4.0 ? 3.5 ? 3.0 ? 2.5 ? 2.0 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma )
13 unr911xj series sjh00038bed characteristics charts of unr911ej i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr911fj i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 60 ? 50 ? 40 ? 30 ? 20 ? 10 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) ? 1 ? 1.5 ? 10 ?10 2 ?10 3 ?10 4 ? 4.0 ? 3.5 ? 3.0 ? 2.5 ? 2.0 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.1 ma ? 0.2 ma ? 0.3 ma ? 0.4 ma ? 0.5 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 40 80 120 160 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma )
14 unr911xj series sjh00038bed c ob ? v cb i o ? v in v in ? i o c ob ? v cb v in ? i o characteristics charts of unr911hj i c ? v ce v ce(sat) ? i c h fe ? i c 0 ?10 ?1 6 5 4 3 2 1 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ?10 2 ?10 3 ?10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 120 ? 100 ? 80 ? 60 ? 40 ? 20 t a = 25 c i b = ? 0.5 ma ? 0.3 ma ? 0.4 ma ? 0.2 ma ? 0.1 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ? 1 ?10 ?1 ? 1 ? 10 ?10 2 ? 10 ?10 2 ?10 3 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ?10 ?1 240 200 160 120 80 40 ? 1 ? 10 ?10 2 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ? 1 6 5 4 3 2 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma )
15 unr911xj series sjh00038bed characteristics charts of unr911lj i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr911mj i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb v in ? i o 0 0 ?12 ? 2 ?10 ?4 ?8 ?6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 t a = 25 c i b = ? 1.0 ma ? 0.2 ma ? 0.4 ma ? 0.6 ma ? 0.8 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?2 ? 1 ?10 ?1 ? 1 ? 10 ?10 2 ? 10 ?10 2 ?10 3 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 240 200 160 120 80 40 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ? 1 6 5 4 3 2 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collecto-base voltage v cb ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 240 200 160 120 80 40 t a = 25 c i b = ? 1.0 ma ? 0.2 ma ? 0.1 ma ? 0.3 ma ? 0.4 ma ? 0.5 ma ? 0.6 ma ? 0.7 ma ? 0.8 ma ? 0.9 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ?3 ? 1 ?10 ?2 ?10 ?1 ? 1 ? 10 ? 10 ?10 2 ?10 3 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 ? 1 100 200 300 500 400 ? 10 ?10 2 ?10 3 v ce = ? 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma )
16 unr911xj series sjh00038bed c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o characteristics charts of unr911nj i c ? v ce v ce(sat) ? i c h fe ? i c 0 ?10 ?1 10 8 6 4 2 ? 1 ? 10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 v o = ? 5 v ta = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 0 ? 50 ? 150 ? 100 ? 200 t a = 25 c i b = ? 1.0 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.4 ma ? 0.5 ma ? 0.6 ma ? 0.7 ma ? 0.8 ma ? 0.9 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ? 1 ? 10 ?10 2 ?10 3 ?10 ?2 ?10 ?1 ? 10 ? 1 i c / i b = 10 25 c ? 25 c t a = 75 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 300 250 200 150 100 50 ?1 ?10 ?10 2 ?10 3 v ce = ? 10 v 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( ma ) 0 6 5 4 3 2 1 ?1 ?10 ?10 2 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ?1 ?10 ?10 2 ?10 3 ?10 4 ? 0.4 ? 0.6 ? 0.8 ? 1.0 ? 1.2 ? 1.4 ? 1.6 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ? 2 ?10 ? 1 ? 1 ? 10 ?10 2 ?10 ? 1 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma )
17 unr911xj series sjh00038bed characteristics charts of unr911tj characteristics charts of unr911vj i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c ? 150 ? 100 ? 50 0 0 ? 5 ? 10 ? 0.9 ma ? 0.8 ma ? 0.6 ma ? 0.7 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma t a = 25 c i b = ? 1.0 ma ? 0.5 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ?10 ? 2 ? 1 ?10 ? 1 ? 10 ? 1 ?10 2 ? 10 ?10 2 ?10 3 25 c ? 25 c t a = 75 c i c / i b = 10 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 100 300 200 150 50 250 ?10 ? 1 ? 1 ? 10 ?10 2 ?10 3 t a = 75 c v ce = 10 v 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) 0 ? 1 5 4 3 2 1 6 ? 10 ?10 2 collector output capacitance (common base, input open circuited) c ob ( pf ) collector-base voltage v cb ( v ) ?10 ? 2 ? 10 ? 1 ?10 ? 1 ? 0.25 ?10 2 ?10 3 ?10 4 ? 0.75 ? 1.25 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ? 1 ?10 ? 2 ? 1 ? 10 ?10 2 ?10 ? 1 ? 1 ? 10 ?10 2 v o = 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 ? 10 ? 8 ? 6 ? 4 ? 2 ? 12 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 t a = 25 c i b = ? 1.0 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.4 ma ? 0.5 ma ? 0.6 ma ? 0.7 ma ? 0.8 ma ? 0.9 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ? 1 ? 10 ?10 2 ?10 3 ?10 ? 2 ?10 ? 1 ? 10 ? 1 i c / i b = 10 25 c ? 25 c t a = 75 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 12 10 8 6 4 2 ?1 ?10 ?10 2 v ce = ? 10 v 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( ma )
18 unr911xj series sjh00038bed i o ? v in v in ? i o ? 0.4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 ? 1 ? 10 ?10 2 ?10 3 ?10 4 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ?10 ? 2 ?10 ? 1 ? 1 ? 10 ?10 2 ?10 ? 1 ? 1 ? 10 ?10 2 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma )
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of UNR9113J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X